PART |
Description |
Maker |
98990021000 9899005500 9899009500 9899010100 98990 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344197 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
1344199 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
1346317 |
Tinned copper conductor, PVC insulation. Covers insulated wire for internal wiring of meters, panels,
|
List of Unclassifed Man...
|
C8105 |
Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
|
General Cable Technologies Corporation
|
X28C513E-12 X28C513J-15 X28C513J-90 X28C513JM-25 X |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 28; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字
|
Xicor Inc. TE Connectivity, Ltd.
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
F05S05_1000Z A05D12 A05D12_150Z A48D15_150Z F05S05 |
INPUT 5W DC/DC CONVERTERS 输入5W DC / DC转换 Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:14; No. Strands x Strand Size:19 x 27; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes Signal and Dual Output
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Artesyn Technologies
|
RDED-9P RDED-9P4-40 RDED-9PE1_M2.6 RDED-9PLN RDED- |
RIGHT-ANGLE TYPE CONNECTORS Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Outer Diameter:0.177" RoHS Compliant: Yes 直角型连接器 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:31pF/ft RoHS Compliant: Yes 直角型连接器 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:20pF/ft; Conductor Material:Copper RoHS Compliant: Yes 直角型连接器 RIGHT-ANGLE TYPE CONNECTORS 直角型连接器 DIODE ZENER SINGLE 200mW 15Vz 5mA-Izt 0.0612 0.1uA-Ir 10.5 SOT-323 3K/REEL 直角型连接器 O/C EHC210 45 TO DB25 M, 3 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RS-232 CABLE, DCE DB25 FEMALE TO SMARTSERIAL-10F ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RS-232 CABLE, DTE DB25 MALE TO SMART SERIAL 10FT Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Shielding Coverage:1% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Categories:UL Listed RoHS Compliant: Yes Belden Twisted Pair Riser Cable, Shielded, Wire Size: 22 AWG, Number of Pairs: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|